Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
 

To Download 031-8704-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kpt/kpse connectors kp-6/898
kpt/kpse miniature circular connectors 2 subject to changes contents introduction............................................................. 2 standard data........................................................ 3 series kpt............................................................. 4 series kpse........................................................... 6 contact arrangements............................................ 9 wall mounting receptacles....................................13 cable connecting plugs...........................................14 box mounting receptacles......................................15 thru-bulkhead receptacles....................................15 straight plugs.......................................................16 jam nut receptacles.............................................17 right angle plugs.................................................18 special versions connectors with grounding continuity.................19 receptacles with straight solder pins................. 22 panel cutouts........................................................ 24 dummy receptacle.............................................. 25 protective caps..................................................... 26 tools ..................................................................... 27 assembly instructions ........................................ 28 cross reference lists ........................................... 29 product safety information................................... 31 introduction the miniature circular connectors series kpt and kpse from itt cannon are manufactured acc. to mil-c-26482 with three point bayonet coupling and five-keyway polarization.they offer general purpose solder connectors and high performance crimp connectors. the broad product range provides the most complete familiy of connectors conform to mil- c-26482, nfc 93422 he 301 model, vg 95328 and ln 29500 specifications. the versatility of these connectors has been proven by their usage in general as well as in high per- formance environmental applications. in addition to the basic series presented in this catalogue, connectors for special applications are available. they include corrosion resistant types, filter connectors for electromagnetic compatability and non-outgasing, radiation resistant versions. all connectors conform to the above mentioned specifications are fully intermateable and accept a wide range of interchangeable accessories. thereby design modifications can be achieved more easily and at lower cost with connectors of the kpt/kpse series.
3 kpt/kpse miniature circular connectors technical data kpt kpse material and finishes shell aluminum alloy, conductive olive drab chromate over cadmium finish per qq-p-416 insulator polychloroprene polychloroprene grommet and seal polychloroprene polychloroprene contacts copper alloy, gold plated copper alloy, gold plated mechanical data shell styles 00 ?wall mounting receptacle 07 ?jam nut receptacle 01 ?cable connecting plug 08 ?plug with 90 termination assemblies 02 ?box mounting receptacle b ?thru-bulkhead receptacle (kpt only) 06 ?straight plug shell sizes 8 thru 24 polarisation/coupling five keyways/three point bayonet service classes a ?general duty g ?gland seal for jacketed cable b ?general duty with strain relief j ?gland nut with strain relief for jacketed cable e ?grommet seal e ?grommet seal p ?for potting f ?grommet seal with strain relief see also pages 5 and 8 water tightness acc. to vg 95319 part 2, test no. 5.9.2 for styles a to e and j to w, z1, z2 and z3 and gaskets style a and b only test pressure 0,2 bar overpressure test duration 48 h test temperature 25 3 c the connector shall be free of moisture operating temperature ?55 / 125 c durability min. 500 mating cycles vibration 200 m/s 2 at 10 to 2000 hz electrical data number of contacts 2 thru 61 3 thru 61 wire size awg 16 thru 24 12 thru 24 contact termination solder crimp contact rating size awg rated current a test current a millivolt drop mv 20 7,5 7,5 less than 55 16 22,0 13,0 less than 50 insulation resistance 5000 mw service rating test voltage service class vrms vdc with scoop proof connectors sea level 1 1500 2100 operating voltages 2 2300 3200 acc. to mil-c-26482 and 21336 m 1 375 535 vg 96912 are (70 000 ft.) 2 550 770 permitted operating voltage service class vg 95328 mil-c-26482 1 140 vdc/100 vac 850 vdc/600 vac 2 165 vdc/115 vac 1400 vdc/1000 vac exception service rating between the central contact and the housing of the coaxial contact connectors are equipment which must not be separated or mated when used as per determination. as acc. to specification the connectors are suitable for an operating voltage of 50 v (see product safety information). however, this is only valid when the connectors are free accessible during operation and consequently might be touchable. when the connectors will be operated with line voltage, itt cannon offers a solution, too. please consult factory. operating voltage and connector usage
kpt/kpse miniature circular connectors 4 subject to changes kpt general purpose solder contact connectors general purpose solder termination closed entry socket contacts series kpt from itt cannon offers general purpose connectors, qualified for use in military applications but also widely used in industrial applications calling for a circular connector with fixed contacts for solder termination. the kpt series is mil-c-26482 approved and is intermateable with all connectors acc. to the above mentioned specifications.
5 kpt/kpse miniature circular connectors kpt 02 e 22 - 36 p w * series prefix kpt ?itt cannon prefix shell style itt cannon designation 00 ?wall mounting receptacle 01 ?cable connecting plug 02 ?box mounting receptacle (class e only), not with contact arrangement 14a4 06 ?straight plug 07 ?jam nut receptacle (hermetic version also available) 08 ?90 angle plug b ?thru-bulkhead receptacle (class e only) class a general duty with intermediate endbell b general duty with strain relief (may be used for potting) e with a grommet seal, not for 02 and 3112 (ms spec) f grommet seal with strain relief (ms spec) g gland seal for jacketed cable j watertight gland seal with strain relief for jacketed cable p for potting (ms spec) shell sizes 8, 10, 12, 14, 16, 18, 20, 22 und 24 contact arrangement see page 9 ?11 contact type p pin s socket alternate insert position w, x, y and z (omit for normal) see page 12 modification code dn ?shrink boot adapter for shell styles 00, 01, 06 and 07 dz ?endbell for shielding braids and shrink boots. class e will always be used for these modifications. consult factory for other modifications. omit first digit (0) of shell style indication when using a modification code. *note: the above mentioned order reference explanation refers only to the itt cannon ordering system. for other order references according to a specification, please consult the cross reference list on pages 29 ?30. kpt general purpose solder contact connectors how to order*
kpt/kpse miniature circular connectors 6 subject to changes kpse high performance crimp contact connectors high performance crimp termination closed entry socket contacts series kpse environmental, miniature circular, quick disconnect connectors are designed for the exacting requirements of today`s electronic industry. they are intermateable, intermountable and interchangeable with all connectors manufactured acc. to mil-c-26482, ln 29500, vg 95328, nfc 93422 he 301 and nfl 54125. connectors of itt cannon series kpse have obtained the vde expertise no. 63761. 4 contact retaining clip is completely encased in a tough plastic wafer to protect the clip from damage. complete moisture sealing is achieved by combining four seals: shell, peripheral, interfacial and wire seals. shell seal is effected when the plug shell pushes against the sealing ring in the receptacle when the connectors are mated. peripheral seal around the edge of the pin insulator is designed so that mating the connector puts tension on the seal and greatly reduces compression set. interfacial seal is achieved by the insulator faces meeting when the plug and receptacle are mated. wire seal is accomplished by a multiple ripple design, exceeding the wire sealing requirements of mil-c-26482. 5 positive insert-to-shell mechanical retention with hard plastic wafer firmly locked into a groove in the shell, in addition to a strong adhesive bond between the insert and shell. 1 standard mil-c-26482 or nfl 54 125 hardware mates with any connector designed to mil-c-26 482, ln 29500 or nf l 54 125 or nf c 93 422, he 301 model 2 crimp, snap-in contacts are designed to mil-c-23216 and can be crimped with the standard m22520/1 crimp tool. closed-entry socket contacts eliminate damage from abuse by test probes and help to correct any misaligned pins during engagement. contact insertion is accomplished from the rear of the connector. when the contact is fully inserted, the clip tines snap securely behind the contact shoulder. contact extraction is accomplished with a front-inserted extraction tool. pressing the tool plunger pushes the contact out through the rear of the connector. 3 monobloc insulator does not leave any access to moisture and avoids interfacial empty space.
7 kpt/kpse miniature circular connectors vg 95328 a 18 - 1 s n specification shell style a wall mouting receptacle with straight endbell b wall mounting receptacle with cable clamp c box mounting receptacle d jam nut receptacle e jam nut receptacle with cable clamp j straight plug with adapter dn k straight plug with cable clamp m straight plug, version dz n straight plug r wall mounting receptacle, version dz s jam nut receptacle with adapter dn t jam nut receptacle, version dz shell size 8, 10, 12, 14, 16, 18, 20, 22 und 24 contact arrangement see pages 9 ?11 contact type p pin s socket alternate insert position see page 12 how to order acc. to vg 95328 kpse high performance crimp contact connectors
kpt/kpse miniature circular connectors 8 subject to changes kpse 00 e 18 - 32 p x * series prefix kpse ?itt cannon prefix ms ?mil-c-26482 prefix shell style itt cannon designation 00 ?wall mounting receptacle 01 ?cable connecting plug 02 ?box mounting receptacle 06 ?straight plug 07 ?jam nut receptacle 08 ?90 angle plug class a general duty (not ms approved) b general duty with strain relief (not ms approved) e grommet seal (ms specification) f grommet seal with strain relief (ms specification) g gland seal for jacketed cable j gland seal with strain relief for jacketed cable (not ms approved) p for potting (ms specification) shell style 8, 10, 12, 14, 16, 18, 20, 22 und 24 contact arrangement see pages 9 ?11 contact type p pin s socket alternate insert position w, x, y and z (omit for normal), see page 12 modification code dn ?shrink boot adapter for shell styles 00, 01, 06 and 07 dz ?endbell for shielding braids and shrink boots. class e will always be used for these modifications. consult factory for other modifications. omit first digit (0) of shell style indication when using a modification code. *note: the above mentioned order reference explanation refers only to the itt cannon ordering system. for other order references according to a specification, please consult the cross reference list on pages 29 ?30. how to order kpse high performance crimp contact connectors
9 kpt/kpse miniature circular connectors contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size awg pin socket 2 8-2  1 58 122 - - 20 3 8-3  1 60 210 - - 20 3 8-3a  1 60--- 20 3 8-33  1 90--- 16s 4 8-4  1 45--- 16s 6 10-6  1 90--- 20 3 12-3  2 - - 180 - 16 10 12-10  1 60 155 270 295 20 5 14-5  2 40 92 184 273 16 12 14-12  1 43 90 - - 20 (8) 16 (4) legende  kpt  kpse  ln29500  authorized per mil-c-26482  authorized per vg95328
kpt/kpse miniature circular connectors 10 subject to changes contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size awg pin socket 15 14-15  1 17 110 155 124 20 19 14-19  1 30 165 315 - 20 5 14-22  1---- 12 (1) 20 (4) 4 14a4  1---- coax rg188u 8 16-8  2 54 152 180 331 16 23 16-23  1 158 270 - - 20 (22) 16 (1) 26 16-26  1 60 - 275 338 20 11 18-11  2 62 119 241 340 16 32 18-32  1 85 138 222 265 20 legende  kpt  kpse  ln29500  authorized per mil-c-26482  authorized per vg95328
11 kpt/kpse miniature circular connectors contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size awg pin socket 16 20-16  2 238 318 333 347 16 5 20a6  2 90 180 270 - 12 24 20-24  1 70 145 215 290 20 39 20-39  1 63 114 252 333 20 (37) 16 (2) 41 20-41  1 45 126 225 - 20 21 22-21  2 16 135 175 349 16 36 22-36  1 72 144 216 288 20 41 22-41  1 39 135 264 - 20 (27) 16 (14) 2 55 22-55  1 30 142 226 314 20 legende  kpt  kpse  ln29500  authorized per mil-c-26482  authorized per vg95328
kpt/kpse miniature circular connectors 12 subject to changes shell nbr. of contact degree of rotation size contacts arr. v w x y z 8 2 8-2 - 58 122 - - 3 8-3 - 60 210 - - 3 8-3a - 60 - -- 3 8-33 - 90 - - - 4 8-4 - 45 - - 10 6 10-6 - 90 - -- 12 3 12-3 - - 180 - 10 12-10 - 60 155 270 295 14 4 14a4 - - - - - 5 14-22 - - - - - 5 14-22 - 40 92 184 273 12 14-5 - 43 90 - - 15 14-15 - 17 110 155 234 19 14-19 - 30 165 315 - 16 8 16-8 - 54 52 180 331 23 16-23 - 158 270 - - 26 16-26 - 60 - 275 338 18 11 18-11 - 62 119 241 340 32 18-32 - 85 138 222 265 20 5 20a6* - 90 180 270 - 16 20-16 - 238 318 333 347 24 20-24 - 70 145 215 290 39 20-39 - 63 114 252 333 41 20-41 - 45 126 225 - 22 21 22-21 - 16 135 175 349 36 22-36 - 72 144 216 288 41 22-41 - 39 135 264 - 55 22-55 - 30 142 226 314 24 61 24-61 - 90 180 270 324 * this contact arrangement features five contacts size 12. four are standard contacts and one is a first-to-mate contact. alternate insert position the diagram indicates alternate insert positions. the six positions n, v, w, y, z differ in degree of rotation for various sizes and arrangements. for the exact degree of rotation, for the list of contact arrange- ments and for alternate positions available, refer to the table at the right. contact arrangements no. of contact service insulator position insulator weight (g) contacts arrangement rating w x y z including contacts contact size awg pin socket 61 24-61  1 90 180 270 324 20
13 kpt/kpse miniature circular connectors without termination assembly kpt/kpse kpt shell a l q k m r s t z size* +0,03 -0,13 max. thread type 2a 0,25 0,15 0,15 max. 0,15 max. 8 12,00 21,6 7/16-28unef 13,5 11,6 15,1 21,0 3,05 12,3 10 15,00 21,6 9/16-24unef 13,5 11,6 18,3 24,2 3,05 12,3 12 19,05 21,6 11/16-24unef 13,5 11,6 20,6 26,6 3,05 12,3 14 22,23 21,6 13/16-20unef 13,5 11,6 23,0 29,0 3,05 12,3 16 25,40 21,6 15/16-20unef 13,5 11,6 24,6 31,3 3,05 12,3 18 28,58 21,6 1- 1/16-18unef 13,5 11,6 27,0 33,7 3,05 12,3 20 31,75 26,8 1- 3/16-18unef 16,5 14,25 29,4 36,9 3,05 10,8 22 34,93 26,8 1- 5/16-18unef 16,5 14,25 31,8 40,1 3,05 10,8 24 38,10 26,8 1- 7/16-18unef 17,3 15,1 34,9 43,3 3,75 10,0 type e type p mod. dn or f 185 shell b e l e b p d p l p d2 l1 l2 size* max. max. max. min. max. -0,5 max. 0,5 8 14,2 32,5 15,3 8,3 36,9 15,6 35,0 12,2 10 17,2 32,5 17,6 11,3 36,9 18,4 35,0 12,2 12 20,4 32,5 21,6 14,2 36,9 23,7 35,0 12,2 14 23,4 32,5 24,3 17,3 36,9 24,5 35,0 12,2 16 26,6 32,5 27,6 20,5 36,9 29,8 37,0 14,5 18 29,6 32,5 31,0 23,1 36,9 32,0 37,0 14,5 20 32,8 34,5 34,3 26,3 42,2 36,1 42,0 15,8 22 36,0 34,5 37,1 29,4 42,2 38,5 42,0 15,8 24 39,2 34,5 40,5 32,6 43,9 41,6 42,0 14,9 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available with termination assemblies type a type b or f type e type p mod. dn or f 185 typ a typ b and f shell b a d a l a vb bf cd bf g bf h bf l bf size* max. min. max. thread type 2a max. thread min. min. max. max. 8 15,0 8,5 38,0 1/2-28unef 14,0 6-32 6,0 2,9 19,3 45,1 10 18,2 11,8 38,0 5/8-24unef 17,2 6-32 7,5 4,5 20,8 45,1 12 21,2 15,0 38,0 3/4-20unef 20,4 6-32 10,7 7,7 24,4 45,1 14 24,6 17,9 38,0 7/8-20unef 23,6 6-32 13,9 9,3 27,2 45,1 16 27,7 21,1 38,0 1 -20unef 26,7 6-32 15,5 12,4 28,7 48,2 18 30,9 24,1 38,0 1-3/16-18unef 29,5 8-32 19,6 15,6 35,3 48,2 20 33,9 26,5 43,1 1-3/16-18unef 32,7 8-32 19,6 15,6 35,3 50,0 22 37,1 30,4 43,1 1-7/16-18unef 35,9 8-32 23,6 18,8 39,9 50,0 24 40,3 32,8 43,1 1-7/16-18unef 39,0 8-32 25,2 20,1 43,2 50,0 crimp kpse00/ms3120 solder kpt00/ms3110 wall mounting receptacles kpt00/ms3110 kpse00/ms3120
kpt/kpse miniature circular connectors 14 subject to changes without termination assembly kpt/kpse kpt shell a k l m q s y z size* +0,03 -0,13 0,25 max. 0,15 thread type 2a max. max. max. 8 12,00 13,5 21,5 11,6 7/16-28unef 18,5 21,0 12,3 10 15,00 13,5 21,5 11,6 9/16-24unef 23,0 24,2 12,3 12 19,05 13,5 21,5 11,6 11/16-24unef 29,0 26,6 12,3 14 22,23 13,5 21,5 11,6 13/16-20unef 29,5 29,0 12,3 16 25,40 13,5 21,5 11,6 15/16-20unef 32,0 31,3 12,3 18 28,58 13,5 21,5 11,6 1- 1/16-18unef 35,0 33,7 12,3 20 31,75 16,5 26,8 14,25 1- 3/16-18unef 38,5 36,9 10,8 22 34,93 16,5 26,8 14,25 1- 5/16-18unef 42,0 40,1 10,8 24 38,10 17,5 26,8 15,1 1- 7/16-18unef 46,0 43,3 10,0 type e type p mod. dn or f 185 shell b e l e b p d p l p d2 l1 l2 size* max. max. max. min. max. -0,5 max. 0,5 8 14,2 32,5 15,3 8,3 36,9 15,6 35,0 12,2 10 17,2 32,5 17,6 11,3 36,9 18,4 35,0 12,2 12 20,4 32,5 21,6 14,2 36,9 23,7 35,0 12,2 14 23,4 32,5 24,3 17,3 36,9 24,5 35,0 12,2 16 26,6 32,5 27,6 20,5 36,9 29,8 37,0 14,5 18 29,6 32,5 31,0 23,1 36,9 32,0 37,0 14,5 20 32,8 34,5 34,3 26,3 42,2 36,1 42,0 15,8 22 36,0 34,5 37,1 29,4 42,2 38,5 42,0 15,8 24 39,2 34,5 40,5 32,6 43,9 41,6 42,0 14,9 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available type a type b or f type e type p mod. dn or f 185 with termination assemblies typ a type b and f shell b a d a l a vb bf cd bf g bf h bf l bf size* max. min. max. thread type 2a max. thread min. min. max. max. 8 15,0 8,5 38,0 1/2-28unef 14,0 6-32 6,0 2,9 19,3 46,0 10 18,2 11,8 38,0 5/8-24unef 17,2 6-32 7,5 4,5 20,8 46,0 12 21,2 15,0 38,0 3/4-20unef 20,4 6-32 10,7 7,7 24,4 46,0 14 24,6 17,9 38,0 7/8-20unef 23,6 6-32 13,9 9,3 27,2 46,0 16 27,7 21,1 38,0 1 -20unef 26,7 6-32 15,5 12,4 28,7 49,0 18 30,9 24,1 38,0 1-3/16-18unef 29,5 8-32 19,6 15,6 35,3 49,0 20 33,9 26,5 43,1 1-3/16-18unef 32,7 8-32 19,6 15,6 35,3 51,1 22 37,1 30,4 43,1 1-7/16-18unef 35,9 8-32 23,6 18,8 39,9 51,1 24 40,3 32,8 43,1 1-7/16-18unef 39,0 8-32 25,2 20,1 43,2 51,1 cable connecting plugs kpt01/ms3111 kpse01/ms3121 solder kpt01/ms3111 crimp kpse01/ms3121
15 kpt/kpse miniature circular connectors without termination assemblies kpt/kpse kpt shell a l n k m r s t z size* +0,03 -0,13 max. max. 0,25 0,15 0,15 max. 0,15 max. 8 12,00 21,1 11,1 13,5 11,6 15,1 21,0 3,05 12,3 10 15,00 21,1 14,3 13,5 11,6 18,3 24,2 3,05 12,3 12 19,05 21,1 17,5 13,5 11,6 20,6 26,6 3,05 12,3 14 22,23 21,1 20,6 13,5 11,6 23,0 29,0 3,05 12,3 16 25,40 21,1 23,8 13,5 11,6 24,6 31,3 3,05 12,3 18 28,58 21,1 27,0 13,5 11,6 27,0 33,7 3,05 12,3 20 31,75 22,7 30,2 16,5 14,25 29,4 36,9 3,05 10,8 22 34,93 22,7 33,4 16,5 14,25 31,8 40,1 3,05 10,8 24 38,10 22,7 36,5 17,3 15,1 34,9 43,3 3,75 10,0 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available receptacle assembly shell a k l m t r s x size* +0,03 -0,13 0,5 max. 0,25 max. 0,15 max. 0,15 8 12,00 16,1 28,6 14,5 6,0 15,1 21,0 3,05 10 15,00 16,1 28,6 14,5 6,0 18,3 24,2 3,05 12 19,05 16,1 28,6 14,5 6,0 20,6 26,6 3,05 14 22,23 16,1 28,6 14,5 6,0 23,0 29,0 3,05 16 25,40 16,1 28,6 14,5 6,0 24,6 31,3 3,05 18 28,58 16,1 28,6 14,5 6,0 27,0 33,7 3,05 20 31,75 20,1 31,9 17,7 9,2 29,4 36,9 3,05 22 34,93 20,1 31,9 17,7 9,2 31,8 40,1 3,05 24 38,10 20,1 31,9 17,7 8,0 34,9 43,3 3,75 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available box mounting receptacles kpt02/ms3112 kpse02/ms3122 kptb/ms3119 crimp kpse02/ms3122 solder kpt02/ms3112 thru-bulkhead receptacles kptb/ms3119
kpt/kpse miniature circular connectors 16 subject to changes without termination assemblies kpt/kpse kpt shell g j l q thread z size* max. 0,15 max. thread type 2a max. 8 19,8 9,1 21,4 7/16-28unef 16,3 10 23,6 9,1 21,4 9/16-24unef 16,3 12 26,5 9,1 21,4 11/16-24unef 16,3 14 30,1 9,1 21,4 13/16-20unef 16,3 16 33,2 9,1 21,4 15/16-20unef 16,3 18 35,4 9,1 21,4 1- 1/16-18unef 16,3 20 39,0 10,7 25,1 1- 3/16-18unef 15,0 22 42,1 10,7 25,1 1- 5/16-18unef 15,0 24 45,2 10,7 25,1 1- 7/16-18unef 15,0 with termination assemblies type a typ b and f shell b a d a l a vb bf cd bf g bf h bf l bf size* max. min. max. thread type 2a max. thread min. min. max. max. 8 15,0 8,5 42,0 1/2-28unef 14,0 6-32 6,0 2,9 19,3 46,0 10 18,2 11,8 42,0 5/8-24unef 17,2 6-32 7,5 4,5 20,8 46,0 12 21,2 15,0 42,0 3/4-20unef 20,4 6-32 10,7 7,7 24,4 46,0 14 24,6 17,9 42,0 7/8-20unef 23,6 6-32 13,9 9,3 27,2 46,0 16 27,7 21,1 42,0 1 -20unef 26,7 6-32 15,5 12,4 28,7 49,0 18 30,9 24,1 42,0 1-3/16-18unef 29,5 8-32 19,6 15,6 35,3 49,0 20 33,9 26,5 45,0 1-3/16-18unef 32,7 8-32 19,6 15,6 35,3 49,0 22 37,1 30,4 45,0 1-7/16-18unef 35,9 8-32 23,6 18,8 39,9 49,0 24 40,3 32,8 45,0 1-7/16-18unef 39,0 8-32 25,2 20,1 43,2 49,0 type a type b or f type e type p mod. dn or f 185 type e type p mod. dn or f 185 shell b e l e b p d p l p d2 l1 l2 size* max. max. max. min. max. -0,5 max. 0,5 8 14,2 32,5 15,3 8,3 36,9 15,6 35,0 12,2 10 17,2 32,5 17,6 11,3 36,9 18,4 35,0 12,2 12 20,4 32,5 21,6 14,2 36,9 23,7 35,0 12,2 14 23,4 32,5 24,3 17,3 36,9 24,5 35,0 12,2 16 26,6 32,5 27,6 20,5 36,9 29,8 37,0 14,5 18 29,6 32,5 31,0 23,1 36,9 32,0 37,0 14,5 20 32,8 34,5 34,3 26,3 42,2 36,1 42,0 15,8 22 36,0 34,5 37,1 29,4 42,2 38,5 42,0 15,8 24 39,2 34,5 40,5 32,6 43,9 41,6 42,0 14,9 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available straight plugs kpt06/ms3116 kpse06/ms3126 solder kpt06/ms3116 crimp kpse06/ms3126
17 kpt/kpse miniature circular connectors without termination assemblies kpt/kpse kpt shell a f h k m r s t panel thickness y z size* +0,03 -0,13 0,15 0,15 0,25 0,15 thread type 2a 0,5 min. max. max. max. 8 12,0 13,3 19,0 3,2 17,7 9/16-24unef 24,0 1,6 3,5 28,0 7,9 10 15,0 16,5 22,2 3,2 17,7 11/16-24unef 27,0 1,6 3,5 31,0 7,9 12 19,05 20,6 27,0 3,2 17,7 7/8-20unef 32,0 1,6 3,5 36,0 7,9 14 22,23 23,8 30,2 3,2 17,7 1 -20unef 35,0 1,6 3,5 39,0 7,9 16 25,40 26,9 33,3 3,2 17,7 1- 1/8-18unef 38,5 1,6 3,5 42,0 7,9 18 28,58 30,1 36,5 3,2 17,7 1- 1/4-18unef 41,5 1,6 3,5 45,0 7,9 20 31,75 33,3 39,7 4,0 22,5 1- 3/8-18unef 46,0 1,6 6,5 50,0 4,7 22 34,93 36,5 42,9 4,0 22,5 1- 1/2-18unef 49,5 1,6 6,5 55,0 4,7 24 38,10 39,6 46,0 4,0 23,3 1- 5/8-18unef 52,5 1,6 6,5 57,0 3,8 jam nut receptacle kpt07/ms3114 kpse07/ms3124 type b and f type e type dn shell b bf d bf g bf h bf l bf b e l e l 1 l 2 d 2 size* max. min. min. max. max. max. max. max. 0,5 max. 8 18,2 6,0 2,9 19,3 44,9 18,2 33,5 43,0 12,2 15,6 10 21,5 7,5 4,5 20,8 44,9 21,5 33,5 43,0 12,2 18,4 12 24,6 10,7 7,7 24,2 44,9 24,6 33,5 43,0 12,2 23,7 14 27,8 13,9 9,3 27,2 44,9 27,8 33,5 43,0 12,2 24,7 16 31,0 15,5 12,4 28,7 48,4 31,0 33,5 45,5 14,5 29,8 18 34,1 19,6 15,6 35,3 48,4 34,1 33,5 45,5 14,5 32,0 20 38,1 19,6 15,6 35,3 50,3 38,1 39,0 52,6 15,8 36,1 22 41,3 23,6 18,8 39,8 50,3 41,3 39,0 52,6 15,8 28,5 24 44,5 25,2 20,1 43,2 50,3 44,5 39,0 51,6 14,9 41,6 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available with termination assemblies t ype b or f type e modification dn or f 185 solder kpt07/ms3114 type a crimp kpse07/ms3124 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available
kpt/kpse miniature circular connectors 18 subject to changes without termination assemblies kpt/kpse kpt shell g j l q z size* max. 0,15 max. thread type 2a max. 8 19,8 9,1 21,4 7/16-28unef 16,3 10 23,6 9,1 21,4 9/16-24unef 16,3 12 26,5 9,1 21,4 11/16-24unef 16,3 14 30,1 9,1 21,4 13/16-20unef 16,3 16 33,2 9,1 21,4 15/16-20unef 16,3 18 35,4 9,1 21,4 1- 1/16-18unef 16,3 20 39,0 10,7 25,1 1- 3/16-18unef 15,0 22 42,1 10,7 25,1 1- 5/16-18unef 15,0 24 45,2 10,7 25,1 1- 7/16-18unef 15,0 typ a or e type b or f typ a and e type b and f shell b ae l ae d ae vb bf d bf l bf size* max. max. max. thread type 2a max. max. max. 8 15,6 36,1 20,9 1/2-28unef 15,6 31,4 36,1 10 18,9 38,3 21,7 5/8-24unef 18,9 32,2 38,3 12 21,2 40,9 23,3 3/4-20unef 21,2 35,4 40,9 14 24,8 41,6 24,9 7/8-20unef 24,8 38,6 41,6 16 27,7 42,5 26,5 1 -20unef 27,7 40,2 42,5 18 31,4 44,7 28,1 1-3/16-18unef 31,4 41,8 44,7 20 34,7 48,3 29,6 1-3/16-18unef 34,7 43,4 48,3 22 36,9 52,1 31,7 1-7/16-18unef 36,9 47,9 52,1 24 41,1 52,1 33,6 1-7/16-18unef 41,1 49,9 52,1 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available right angle plug, 90 kpt08 kpse08 solder kpt08 crimp kpse08 * see page 5, 7 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available with termination assemblies
19 kpt/kpse miniature circular connectors shell a b c d e k l m r s t size* +0,03 -0,13 min. +0,5 max. 1,00 0,25 max. 0,15 0,15 max. 0,15 8 12,00 6,6 16,0 13,3 15,0 13,5 52,0 11,6 15,1 21,0 3,05 10 15,00 9,2 18,0 16,1 15,0 13,5 52,0 11,6 18,3 24,2 3,05 12 19,05 12,2 22,0 20,0 17,0 13,5 52,0 11,6 20,6 26,6 3,05 14 22,23 15,2 25,0 22,2 18,0 13,5 53,0 11,6 23,0 29,0 3,05 16 25,40 18,3 28,0 26,2 18,0 13,5 53,0 11,6 24,6 31,3 3,05 18 28,58 20,0 32,0 28,5 18,0 13,5 53,0 11,6 27,0 33,7 3,05 20 31,75 23,0 34,0 32,5 18,0 16,5 58,0 14,25 29,4 36,9 3,05 22 34,93 26,0 38,0 34,8 18,0 16,5 58,0 14,25 31,7 40,1 3,05 24 38,10 28,8 41,0 37,9 18,0 17,3 58,0 15,1 34,9 43,3 3,75 * see pages 5 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available these connectors are designed to ensure electrical continuity at the cable shielding level (to protect it against radio frequency intererences) at the grounding level (if it is connected to the shielding). the plugs are manufactured with grounding fingers soldered to the front face of the shell. they make contact with the inner side of the receptacle shell. plug and receptacle feature a special endbell which supports the cable shielding. the connectors are in accordance with the vg 95328 specification. receptacle with grounding continuity (for shielded cable) kpt/kpse 0e ... dz special versions with grounding continuity
kpt/kpse miniature circular connectors 20 subject to changes shell a b c d e k l m s y size* +0,03 -0,13 min. +0,50 max. 1,0 0,25 max. 0,15 max. max. 8 12,00 6,6 16,0 13,3 15,0 13,5 52,0 11,6 18,5 21,0 10 15,00 9,2 18,0 16,1 15,0 13,5 52,0 11,6 23,0 24,2 12 19,05 12,2 22,0 20,0 17,0 13,5 52,0 11,6 29,0 26,6 14 22,23 15,2 25,0 22,2 18,0 13,5 53,0 11,6 29,5 29,0 16 25,40 18,3 28,0 26,2 18,0 13,5 53,0 11,6 32,0 31,3 18 28,58 20,0 32,0 28,5 18,0 13,5 53,0 11,6 35,0 33,7 20 31,75 23,0 34,0 32,5 18,0 16,5 58,0 14,25 38,5 36,9 22 34,93 26,0 38,0 34,8 18,0 16,5 58,0 14,25 42,0 40,1 24 38,10 28,8 41,0 37,9 18,0 17,5 58,0 15,10 46,0 43,3 * see pages 5 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available shell a b c d e l s size* min. +0,50 max. max. 1,0 max. 0,2 8 6,6 16,0 19,1 20,0 15,0 48,0 17,0 10 9,2 18,0 22,0 15,0 15,0 48,0 19,0 12 12,2 22,0 26,2 26,0 17,0 48,0 23,0 14 15,2 25,0 29,4 30,0 18,0 49,0 26,0 16 18,3 28,0 32,8 33,0 18,0 49,0 29,0 18 20,0 32,0 35,4 36,0 18,0 49,0 33,0 20 23,0 34,0 39,0 40,0 18,0 53,0 35,0 22 26,0 38,0 42,1 43,0 18,0 53,0 39,0 24 28,8 41,0 45,2 46,0 18,0 53,0 42,0 * see pages 5 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available cable connecting plug with grounding continuity (for shielding cable) kpt/kpse 1e ... dz straight plug with grounding continuity kpt/kpse6e.dz
21 kpt/kpse miniature circular connectors assembly of a connector with a ground continuity endbell kpt/kpse ... dz jam nut receptacle with grounding continuity (for shielded cable) kpt/kpse 7e ... dz shell- a b c d e l s t size min. +0,5 max. max. 1,0 max. 0,25 0,25 8 6,6 16,0 18,2 13,3 15,0 47,0 23,0 19,0 10 9,2 18,0 21,4 16,1 15,0 47,0 27,0 22,2 12 12,2 22,0 24,6 20,0 17,0 49,0 31,7 27,0 14 15,2 25,0 27,8 22,2 18,0 50,0 34,9 30,2 16 18,3 28,0 30,9 26,2 18,0 50,0 38,1 33,3 18 20,0 32,0 34,1 28,5 18,0 50,0 41,3 36,5 20 23,0 34,0 38,1 32,5 18,0 55,0 46,0 39,7 22 26,0 38,0 41,3 34,8 18,0 55,0 49,2 42,9 24 28,8 41,0 44,4 37,9 18,0 55,0 52,3 46,0 shell a b size* max. max. 8 6,6 8,0 10 9,2 10,0 12 12,2 14,0 14 152 17,0 16 18,3 20,0 18 20,0 24,0 20 23,0 27,0 22 26,0 30,0 24 28,8 33,0 * see pages 5 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available * see pages 5 and 8 for ordering number information in series kpse only contact arrangements 8-3a and 8-33 available
kpt/kpse miniature circular connectors 22 subject to changes series kpt ?itt cannon designation shell type itt cannon designation 2 ? box mounting receptacle (only class e), not layout 14 a 4 7 ? jam nut receptacle (hermetic version also available) class a ? general duty (shell type 7 only) e ? with grommet seal, not for 02 and 3112 (ms-spezification), only shell type 2 shell size 8, 10, 12, 14, 16, 18, 20, 22 und 24 contact arrangements see page 9 ?11 contact type p ? pin s ? socket alternate insert position w, x, y and z (omit for normal position) see page 12 modification ew ? solder pin 0,6 x 7 mm ex ? solder pin 0,76 x 7 mm how to order kpt 2 e 22 - 36 p w * receptacles with straight solder pins
23 kpt/kpse miniature circular connectors box mounting receptacle kpt 2* p/s** . *** jam nut receptacle kpt 7* p/s** . *** shell a k l m n r s t size +0,03 -0,13 0,25 max. 0,15 max. 0,15 max. 0,15 8 12,00 13,50 21,1 11,60 11,10 15,10 21,00 3,05 10 15,00 13,50 21,1 11,60 14,30 18,30 24,20 3,05 12 19,05 13,50 21,1 11,60 17,50 20,60 26,60 3,05 14 22,23 13,50 21,1 11,60 20,60 23,00 29,00 3,05 16 25,40 13,50 21,1 11,60 23,80 24,60 31,30 3,05 18 28,58 13,50 21,1 11,60 27,00 27,00 33,70 3,05 20 31,75 16,50 22,7 14,25 30,20 29,40 36,90 3,05 22 34,93 16,50 22,7 14,25 33,40 31,70 40,10 3,05 24 38,10 17,30 22,7 15,10 36,50 34,90 43,30 3,75 order ref. see page 22 s hell a f h k m r s panel thickness y size* +0,03 -0,13 0,15 0,15 0,25 0,15 thread type 2 a 0,5 min. max. 8 12,00 13,3 19,0 3,2 17,7 9/16-24unef 24,0 1,6 28,0 10 15,00 16,5 22,2 3,2 17,7 11/16-24unef 27,0 1,6 31,0 12 19,05 20,6 27,0 3,2 17,7 7/8-20unef 32,0 1,6 36,0 14 22,23 23,8 30,2 3,2 17,7 1- 20unef 35,0 1,6 39,0 16 25,40 26,9 33,3 3,2 17,7 1- 1/8-18unef 38,5 1,6 42,0 18 28,58 30,1 36,5 3,2 17,7 1- 1/4-18unef 41,5 1,6 45,0 20 31,75 33,3 39,7 4,0 22,5 1- 3/8-18unef 46,0 1,6 50,0 22 34,93 36,5 42,9 4,0 22,5 1- 1/2-18unef 49,5 1,6 55,0 24 38,10 39,6 46,0 4,0 23,3 1- 5/8-18unef 52,5 1,6 57,0 order ref. see page 22
kpt/kpse miniature circular connectors 24 subject to changes jam nut receptacle shell kpt/kpse size a +0,25 b +0 -0 -0,12 8 14,5 13,6 10 17,7 16,8 12 22,7 20,9 14 25,7 24,1 16 28,8 27,2 18 32 30,4 20 35,1 33,6 22 38,4 36,8 24 41,5 40 box and wall mounting receptacle shell size for rear mounting for front mounting d +0,25 / -0 d +0,25 / -0 r 0,15 8 14 12,7 15,1 10 17 16 18,3 12 22 19 20,6 14 25 22,2 23,0 16 28 25,5 24,6 18 31 28,5 27,0 20 34,5 31,7 29,4 22 37,5 35 31,8 24 41 38 34,9 panel cutouts mounting hole diameter shell size kpt/kpse p - panel thickness t +0,3 screw head height included 8 3,1 2,2 10 3,1 2,2 12 3,1 2,2 14 3,1 2,2 16 3,1 2,2 18 3,1 2,2 20 3,1 5,4 22 3,1 5,4 24 3,6 5,4 front mounting rear mounting
25 kpt/kpse miniature circular connectors shell size a k m r s t +0,03 -0,13 0,4 0,15 0,15 max. 0,15 * 8 a 12,00 1,6 12,1 15,1 21,0 3,05 * 10 a 15,00 1,6 12,1 18,3 24,2 3,05 * 12 a 19,05 1,6 12,1 20,6 26,6 3,05 * 14 a 22,23 1,6 12,1 23,0 29,0 3,05 * 16 a 25,40 1,6 12,1 24,6 31,3 3,05 * 18 a 28,58 1,6 12,1 27,0 33,7 3,05 * 20 a 31,75 2,4 14,5 29,4 36,9 3,05 * 22 a 34,93 2,4 14,5 31,8 40,1 3,05 * 24 a 38,10 2,4 15,4 34,9 43,3 3,75 * add kpt 15 or ms 3115 prefixes dummy receptacles series dummy receptacle shell size flange a-standard kpt 15 - 8 a ms 3115 - 10 a how to order
kpt/kpse miniature circular connectors 26 subject to changes how to order series kpt80 ?for plug kpt81 ?for receptacle shell size 8 ?24 termination d preferred type: with nylon cord and end link clip and end link attached c ? sash chain n ? sash chain with ring (81 or 3181 only) modification a34 ?nickel plated without code = a66 ?oliv drab chromate over cadmium vg95328 - z2 c 10 vg specification style z1 ?for receptacle z2 ?for plug termination c with nylon cord and end link clip and end link attached shell size 8 ?24 shell a l1 b l2 h n size max max. max. max. 8 18,26 19,84 18,0 21,44 76 14,7 10 21,44 19,84 20,3 21,44 76 17,9 12 25,40 19,84 25,1 21,44 89 22,6 14 28,58 19,84 28,2 21,44 89 25,8 16 31,75 19,84 31.5 21,44 89 29,0 18 34,92 19,84 34,5 21,44 89 32,2 20 38,10 21,44 37,8 21,44 101 35,3 22 41,28 21,44 40,9 21,44 101 38,5 24 44,45 22,22 44,2 22,22 101 41,7 kpt80 - 10 d - a34 ms3180 - 10 protective caps material and finishes protective cap aluminum alloy sash chain stainless steel cord polyamide ring stainless steel clip aluminum alloy gasket fluor silicone endlink / rivet stainless steel, passivated bayonet pin stainless steel, passivated finishes a34 nickel a66 olive drab chromate over cadmium 80 / 3180 ?for plugs cap with nylon cord d / preferred type 81 / 3181 ? for receptacles cap with nylon cord d / preferred type 80 / 3180 ?for plugs cap with sash chain c or n 81 / 3181 ? for receptacles cap with sash chain c or n crimp tool for clips upon request
27 kpt/kpse miniature circular connectors kpt14a4 contact type insertion tool extraction tool coaxial - cet-c 6 b kpse/vg 95328 contact size contact type contact order ref. kpse version vg 95328 version 20 socket with 031-8704-203 031-8704-203 insulation support pin with 430-8560-006 430-8560-006 insulation support 16 socket 031-8704-000 031-8704-000 pin 430-8560-004 430-8560-004 12 socket 031-8704-012 pin 430-8560-016 grounding pin 430-8560-020 kpse contact size insertion tool extraction tool ms itt cannon ms/itt cannon ln 20 without insulation support - cit-20-18 ms24256r20 w0,6ln29500 20 with insulation support ms24256a20 cit-20-5a ms24256r20 w0,6ln29500 16 ms24256a16 cit-16-1 ms24256r16 w1,2ln29500 12 ms24256a12 ms24256r12 series hand crimp tool locator for contact test gage for sizes 20, 16 and 12 hand crimp tool kpse m22520/1-01 m22520/1-02 m22520/3-1 tools and accessories kpt14a4 coaxial pin dm 53740-5001 socket dm 53742-5001 kpse contact size colour code ms ln itt cannon 20 red ms3187a20 bl0,6ln 29500 225-1012-000 16 blue ms3187-16a bl1,2ln 29500 225-1011-000 12 yellow ms3187-12 225-0072-000 koax 14a4 yellow 225-0018-000 kpse shell alu-flex chloroprene size conductive non conductive 8 075-8543-000 075-8543-010 10 075-8543-001 075-8543-011 12 075-8543-002 075-8543-012 14 075-8543-003 075-8543-013 16 075-8543-004 075-8543-014 shell alu-flex chloroprene size conductive non conductive 18 075-8543-005 075-8543-015 20 075-8543-006 075-8543-016 22 075-8543-007 075-8543-017 24 075-8543-008 075-8543-018 crimp tools insertion/extraction tool contacts wire hole fillers/grommet sealing plugs flange gaskets
kpt/kpse miniature circular connectors 28 subject to changes contact cable size strip size mm 2 (awg) insulation 20 0,93-0,21 (20-24) 5,0 mm 16 1,91-0,60 (16-20) 6,5 mm 12 3,18-1,91 (12-14) 6,5 mm 14a4 coax rg179b/u contact insertion 5. remove hardware from plug and receptacle. slide hardware over wire bundle in proper order for re- assembly. 6. use the proper contact insertion tool, and slide the tool over the terminal end of the contact. the size 16 contact lies in the tool and the tool tip butts against the contact shoulder. the rear, or insulation support, of the size 20 contact butts against an internal shoulder in the tool tip. 4. release crimped contact and wire from tool. be certain the wire is visible thru inspection hole in contact. 7. beginning from center cavity and working outwards, insert wired contacts into rear of connector by hand until the front of the contact shoulder is no more than 1/8" from the grommet. holding the connector securely, position tool behind contact. push tool straight into contact cavity until contact snaps into position. a light pull on wire will assure that contact is locked securely. repeat for remaining contacts. contact extraction 10. slide hardware back over wire bundle. using pro- per extraction tool or extraction end of proper insertion/ extraction tool, proceed as follows: 8. use wire hole fillers or grommet sealing plugs to fill any empty cavities and assemble hardware to rear of plug or receptacle. 11. use the proper extraction tool. there are two lines on the clip sleeve which are vital to the contact rem- oval process. the first index line is used for removing completion 9. check face of plug or receptacle for proper contact installation. crimping contacts 1. strip wires according to the table above taking care not to cut or nick strands. 2. insert stripped wire into contact crimp pot. wire must be visible thru inspection hole. 3. using correct crimp tool and locator, cycle the tool once to be sure the indentors are open. insert contact and wire into locator. squeeze tool handles firmly and completely to insure a proper crimp. the tool will not release unless the crimp indentors in the tool head have been fully actuated. pin contacts while the second index line is for removing socket contacts. carefully place the tool tip over the contact to be extracted until the tool tip touches the insulator face. carefully rotate the tool until the index line is slightly below the insulator face. keep an even pressure against tool body; push plunger forward with thumb and index finger; and push the contact out through the clip. carefully remove extraction tool from connector. pull the wire by hand to complete the rem- oval of the contact. please ask for our detailed assembly instruction assembly instructions
29 kpt/kpse miniature circular connectors part no. part no. part no. part no. part no. itt cannon mil-c-26482 nfl 54125 vg95328 ln 29500 kpt80 ms 3180 kpt80...c ms 3180...c z 2...vg 95328 kpt81 ms 3181 kpt81...c ms 3181...c z 1...vg 95328 kpt81...n ms 3181...n cross reference list kpt/mil-c-26482, nfl 54125, vg 95328 part no. kpt part no. part no. part no. part no. itt cannon mil-26482 nfl 54125 vg 95328 ln 29500 kpt00b*-*** 25100a*-***50 kpt00b*-*** 25100ac*-***50 kpt00e*-*** ms3110e*-*** 25100e*-***50 kpt00f*-*** ms3110e*-*** 25100ec*-***50 kpt00g*-*** 25100j*-***50 kpt00j*-*** ms3110j*-*** kpt00p*-*** ms3110p*-*** 25100p*-***50 kpt0e*-***dn kpt0e*-***dz kpt01a*-*** 25101a*-***50 kpt01b*-*** 25101ac*-***50 kpt01e*-*** ms3111e*-*** 25101e*-***50 kpt01f*-*** ms3111f*-*** 25101ec*-***50 kpt01g*-*** 25101j*-***50 kpt01j*-*** ms3111j*-*** kpt01p*-*** ms3111p*-*** 25101p*-***50 kpt1e*-***dn kpt06a*-*** 25106a*-***50 kpt06b*-*** 25106ac*-***50 kpt06e*-*** ms3116e*-*** 25106e*-***50 kpt06f*-*** ms3116f*-*** 25106ec*-***50 kpt06g*-*** 25106j*-***50 kpt1e*-***dz 25102e*-***50y11* 25107a*-***50y11* kpt06j*-*** ms3116j*-*** kpt06p*-*** ms3116p*-*** 25106p*-***50 kpt6a*-***88 kpt6e*-***dn kpt6e*-***dz kpt02e*-*** ms3112e*-*** 25102e*-***50 h*-***vg 95328 kpt07a*-*** 25107a*-***50 kpt07e*-*** ms3114e*-*** 25107e*-***50 kpt07f*-*** ms3114f*-*** 25107ec*-***50 kpt08e*-*** kpt08f*-*** 25108ec*-***50 kpt08p*-*** 25108p*-***50 kpt7e*-***dn kptb*-*** ms3119e*-*** 251b*-*** cross reference list protective caps please note: connectors acc. to vg 95328 and connectors of itt cannon series kpse use different contacts ?see page 27
kpt/kpse miniature circular connectors 30 subject to changes cross reference list kpse/mil-c-26482, nfl 54125, vg95328 part no. kpse part no. part no. part no. itt cannon mil-c-26482 nfl 54-125 vg 95328 kpse00a*-*** 25100ra*-***50 kpse00b*-*** kpse00e*-*** ms3120e*-*** 25100r*-***50 a*-***vg 95328 kpse00f*-*** ms3120f*-*** 25100rc*-***50 b*-***vg 95328 kpse0e*-***dz r*-***vg 95328 kpse00j*-*** kpse00p*-*** ms3120p*-*** 25100rp*-***50 kpse0e*-***dn kpse00g*-*** 25106rj*-***50 kspe01a*-*** 25101ra*-***50 kpse01b*-*** kpse01e*-*** ms3121e*-*** 25101r*-***50 kpse01f*-*** ms3121f*-*** 25101rc*-***50 kpse01g*-*** 25101rj*-***50 kpse01j*-*** kpse01p*-*** ms3121p*-*** 25101rp*-***50 kpse*-***dn kpse02e*-*** ms3122e*-*** 25102r*-***50 c*-***vg 95328 kpse06a*-*** 25106ra*-***50 kpse06b*-*** kpse06e*-*** ms3126e*-*** 25106r*-*** kpse06f*-*** ms3126f*-*** 25106rc*-***50 k*-***vg 95328 kpse06g*-*** 25106rj*-***50 kpse06j*-*** kpse06p*-*** ms3126p*-*** 25106rp*-***50 kpse6a*-***88 kpse6e*-***88 n*-***vg 95328 kpse6e*-***dn j*-***vg 9532 kpse6e*-***dz m*-***vg 95328 kpse07a*-*** 25107ra*-***50 kpse1e*-***dz kpse7e*-***dn s*-***vg 95328 kpse07e*-*** ms3124e*-*** 25107r*-***50 d*-***vg 95328 kpse07f*-*** ms3124f*-*** 25107rc*-***50 e*-***vg 95328 kpse08e*-*** kpse08f*-*** 25108rc*-***50 kpse08p*-*** 25108rp*-***50 kpse7e*-***dz t*-***vg 95328 please note: connectors acc. to vg 95328 and connectors of itt cannon series kpse use different contacts ?see page 27
31 kpt/kpse miniature circular connectors product safety information this note should be read in con-junction with the product data sheet/catalogue. failure to ob-serve the advice in this infor- mation sheet and the operating conditions specified in the product data sheet/ catalogue could result in hazar-duous situations. 1. material content and physical form electrical connectors do not usually contain hazardous materials. they contain conducting and non-conducting materials and can be divided into two groups. a) printed circuit types and low cost audio types which employ all plastic insulators and casings. b) rugged, fire barrier and high reliability types with metal casings and either natural rubber, synthetic rubber, plastic or glass insulating materials. contact materials vary with type of connector and also application and are usually manufactured from either copper, alloys, nickel, alumel, chromel or steel. in special applications, other alloys may be specified. 2. fire characteristics and electric shock hazard there is no fire hazard when the connector is correctly wired and used within the specified parameters. incorrect wiring or assembly of the connector or careless use of metal tools or conductive fluids, or transit damage to any of the component parts may cause electric shock or burns. live circuits must be broken by separating mated connectors as this may cause arcing, ionisation and burning. heat dissipation is greater at maximum resistance in a circuit. hot spots may occur when resistance is raised locally by damage, e.g. cracked or deformed contacts, broken strangs of wire. local overheating may also result from the use of the incorrect application tools or from poor quality soldering or slack screw terminals. overheating may occur if the ratings in the product data sheet/ catalogue are exceeded and can cause breakdown of insulation and hence electric shock. if heating is allowed to continue it intensifies by further increasing the local resistance through loss of temper of spring contacts, formation of oxide film on contacts and wires, and leakage currents through carbonisation of insulation and tracking paths. fire can then result in the presence of combustible materials and this may release noxious fumes. overheating may not be visually apparent. burns may result from touching overheated components. 3. handling care must be taken to avoid damage to any component parts of electrical connectors during installation and use. although there are normally no sharp edges, care must be taken when handling certain components to avoid injury to fingers. itt cannon manufactures the highest quality products available in the marketplace; however these products are intended to be used in accordance with the specifications in this catalog. any use or application that deviates from stated operating specifications is not recommended and may be unsafe. no information and data contained in this catalog shall be construed to create any liability on the part of itt cannon. any new issue of this catalog shall automatically invalidate and supersede any and all previous issues. a limited warranty applies to itt cannon products. except for obligations assumed by itt cannon under this warranty, itt cannon shall not be liable for any loss, damage, cost of repairs, incidental or consequential damages of any kind, whether or not based on express or implied warranty, contract, negligence or strict liability arising in connection with the design, manufacture, sale, use or repair of the products. product availability, prices and delivery dates are exclusively subject to our respective order confirmation form; the same applies to orders based on development samples delivered. this catalog is not be construed as an offer. it is intended merely as an invitation to make an offer. by this publication, itt cannon does not assume responsibility or any liability for any patent infringements or other rights of third parties which may result from its use. reprinting this catalog is generally permitted, indicating the source. however, itt cannon's prior consent must be obtained in all cases. cannon is a trademark of itt industries, inc electrical connectors may be damaged in transit to the customers, and damage may result in creation of hazards. products should therefore be examined prior to installation/use and rejected if found to be damaged. 4. disposal incineration of certain materials may release noxious or even oxid fumes. 5. application connectors with exposed contacts should not be selected for use on the current supply side of an electrical circuit, because an electric shock could result from touching exposed contacts on an unmated connector. voltages in excess of 30 v ac or 42.5 v dc are potentially hazardous and care should be taken to ensure that such voltages can not be transmitted in any way to exposed metal parts of the connector body. the connector and wiring should be checked, before making live, to have no damage to metal parts of insulators, no solder blobs, loose strands, conducting lubricants, swarf, or any other undersired conducting particles. insulation resistance should be checked to make certain that no low resistance joints or spurious conducting path are existing between contacts and exposed metal parts of the connector body. further the contact resistance of the connectors should be measured within the electrical circuit in order to identify high resistances which result in excessive connector heating. always use the correct application tools as specified in the data sheet/catalogue. do not permit untrained personnel to wire, assemble or tramper with connectors. for operation voltage please see appropriate national regulations important general information. 1. air and creepage paths/operating voltage the admissible operating voltages depend on the individual applications and the valid national and other applicable safety regulations. for this reason the air and creepage path date are only reference values. observe reduction of air and creepage paths due to pc board and/or harnes- sing. 2. temperature all information given are temperature limits. the operation temperature depends on the individual application. 3. other important information cannon continuously endeavours to improve their products. therefore, cannon products may deviate from the description, technical data and shape as shown in this catalogue and data sheets. 4. harnessing and assembly instructions if applicable, our special harnessing and/or assem- bly instruction has to be adhered to. this is provid- ed at request.


▲Up To Search▲   

 
Price & Availability of 031-8704-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X